Part Number Hot Search : 
SDZ13VG ULLGA8 MAX1912 TND524VS 5KE200A ZXSC440 2SA201 MAX6602
Product Description
Full Text Search
 

To Download B43305A2337M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors
Snap-in capacitors
Series/Type: Date:
B43305 December 2006
(c) EPCOS AG 2007. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Snap-in capacitors Ultra compact 85 C
B43305
General-purpose grade capacitors Applications Switch-mode power supplies in industrial and entertainment electronics Uninterruptiple power supplies Features Extremely high CV product, ultra compact High ripple current capability Different case sizes available for each capacitance value Voltage derating (0.93 VR) enables 105 C operation, more details available upon request Construction Charge/discharge-proof, polar Aluminum case, fully insulated Snap-in solder pins to hold component in place on PC-board Minus pole marking on case surface Minus pole not insulated from case Overload protection by safety vent on the base Terminals Standard version with 2 terminals, 2 lengths available: 6.3 and 4.5 mm 3 terminals to ensure correct insertion: length 4.5 mm
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 17
B43305 Ultra compact 85 C
Specifications and characteristics in brief Rated voltage VR Surge voltage VS Rated capacitance CR Capacitance tolerance Dissipation factor tan (20 C, 120 Hz) Leakage current Ileak (5 min, 20 C) Self-inductance ESL Useful life 85 C, VR, IAC,R 40 C, VR, 1.1 IAC,R Approx. 20 nH > 2000 h > 100000 h Requirements: C/C 30% of initial value tan 3 times initial specified limit Ileak initial specified limit Post test requirements: C/C 10% of initial value tan 1.3 times initial specified limit Ileak initial specified limit 200 ... 450 V DC 1.15 VR (for VR 250 V DC) 1.10 VR (for VR 400 V DC) 68 ... 3300 F 20% M VR 250 V DC: tan 0.15 VR 400 V DC: tan 0.20
Voltage endurance test 85 C, VR 2000 h
Vibration resistance test
To IEC 60068-2-6, test Fc: Displacement amplitude 0.35 mm, frequency range 10 Hz ... 55 Hz, acceleration max. 5 g, duration 3 x 2 h. Capacitor mounted by its body which is rigidly clamped to the work surface. To IEC 60068-1: VR 250 V DC: 40/085/56 ( 40 C/+85 C/56 days damp heat test) VR 400 V DC: 25/085/56 ( 25 C/+85 C/56 days damp heat test) Similar to CECC 30301-806 IEC 60384-4
IEC climatic category
Detail specification Sectional specification
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 17
B43305 Ultra compact 85 C
Dimensional drawings
Snap-in terminals, length 6.3 1 mm. Also available in a shorter version with a length of 4.5 1 mm. For packing mode and ordering example see next page. Dimensions (mm) d +1 l 2 22 25 22 30 22 35 22 40 22 45 22 50 25 25 25 30 25 35 25 40 25 45 25 50 25 55 Approx weight(g) 9 12 15 18 20 24 13 17 19 22 25 29 32 Packing units (pcs.) 160 160 160 160 160 160 130 130 130 130 130 130 130
Snap-in capacitors are also available with 3 terminals (length 4.5 1 mm). For packing mode and ordering example see next page. Dimensions (mm) d +1 l 2 30 25 30 30 30 35 30 40 30 45 30 50 30 55 35 25 35 30 35 35 35 40 35 45 35 50 35 55
Page 4 of 17
Approx weight(g) 17 23 29 36 41 46 53 22 29 36 41 56 70 81
Packing units (pcs.) 80 80 80 80 80 80 80 60 60 60 60 60 60 60
Please read Cautions and warnings and Important notes at the end of this document.
B43305 Ultra compact 85 C
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in part) in the correct position for insertion. Ordering codes for terminal styles Snap-in capacitors Terminal versions Standard terminals (6.3 1) mm Short terminals (4.5 3 terminals (4.5 1) mm 1) mm Identification in 3rd block of ordering code M000 M007 M002
Ordering examples: B43305A9107M007 B43305A9107M002 } } snap-in capacitor with short terminals snap-in capacitor with 3 terminals
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 17
B43305 Ultra compact 85 C
Overview of available types VR (V DC) CR (F) 68 82 100 120 150 180 22 x 25 22 x 25 22 x 25 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 22 x 25 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 30 x 55 35 x 45 22 x 25 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 25 x 55 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 200 250 400 450
Case dimensions d x l (mm)
220
270
330
22 x 25
22 x 30 25 x 25
390
22 x 25
22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 25 x 45 30 x 35 35 x 25
470
22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30
560
680
820
35 x 55
Please read Cautions and warnings and Important notes at the end of this document.
Page 6 of 17
B43305 Ultra compact 85 C
VR (V DC) CR (F) 1000
200
250
400
450
Case dimensions d x l (mm) 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 55 30 x 40 35 x 30 30 x 45 35 x 35 30 x 55 35 x 40 35 x 50 35 x 55 25 x 50 30 x 35 35 x 30 25 x 55 30 x 40 35 x 35 30 x 50 35 x 40 30 x 55 35 x 45 35 x 50 35 x 50
1200
1500
1800 2200 2700 3300
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request.
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 17
B43305 Ultra compact 85 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 380 320 270 270 230 230 190 190 190 150 150 150 130 130 130 130 110 110 110 85 85 85 70 70 60 60 45 40 Zmax 10 kHz 20 C m 520 440 370 370 310 310 260 260 260 210 210 210 180 180 180 180 150 150 150 120 120 120 100 100 80 80 65 55 IAC,max 100 Hz 60 C A 2.72 2.95 3.38 3.33 3.82 3.79 4.34 4.18 3.82 4.90 4.76 4.37 5.54 5.42 4.83 4.11 6.10 5.48 4.99 7.15 6.74 5.58 7.59 6.33 8.80 7.22 8.44 9.55 IAC,R1) 100 Hz 85 C A 1.38 1.50 1.72 1.70 1.95 1.93 2.21 2.13 1.95 2.50 2.42 2.23 2.83 2.76 2.46 2.09 3.11 2.79 2.54 3.64 3.44 2.84 3.87 3.23 4.49 3.68 4.30 4.87 Ordering code (composition see below)
VR = 200 V DC 330 22 x 25 390 22 x 25 470 22 x 30 470 25 x 25 560 22 x 35 560 25 x 30 680 22 x 40 680 25 x 30 680 30 x 25 820 22 x 45 820 25 x 35 820 30 x 30 1000 22 x 50 1000 25 x 40 1000 30 x 30 1000 35 x 25 1200 25 x 45 1200 30 x 35 1200 35 x 30 1500 25 x 55 1500 30 x 40 1500 35 x 30 1800 30 x 45 1800 35 x 35 2200 30 x 55 2200 35 x 40 2700 35 x 50 3300 35 x 55
B43305A2337M00* B43305A2397M00* B43305A2477M00* B43305B2477M00* B43305A2567M00* B43305B2567M00* B43305A2687M00* B43305B2687M00* B43305C2687M00* B43305A2827M00* B43305B2827M00* B43305C2827M00* B43305A2108M00* B43305B2108M00* B43305C2108M00* B43305D2108M00* B43305A2128M00* B43305B2128M00* B43305C2128M00* B43305A2158M00* B43305B2158M00* B43305C2158M00* B43305A2188M00* B43305B2188M00* B43305A2228M00* B43305B2228M00* B43305A2278M00* B43305A2338M00*
Composition of ordering code * = Terminal style 0 = snap-in standard terminals (6.3 1) mm 2 = snap-in 3 terminals (4.5 1) mm 7 = snap-in short terminals (4.5 1) mm
1)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 17
B43305 Ultra compact 85 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 470 380 380 320 320 270 270 230 230 230 190 190 190 150 150 150 130 130 130 110 110 110 85 85 70 70 60 Zmax 10 kHz 20 C m 640 520 520 440 440 370 370 310 310 310 260 260 260 210 210 210 180 180 180 150 150 150 120 120 100 100 80 IAC,max 100 Hz 60 C A 2.61 3.01 2.95 3.27 3.21 3.72 3.68 4.19 4.16 3.62 4.74 4.73 4.15 5.34 4.73 3.82 6.04 5.22 4.69 6.77 6.29 5.32 7.41 6.13 8.31 6.91 7.83 IAC,R2) 100 Hz 85 C A 1.33 1.53 1.50 1.67 1.64 1.90 1.87 2.13 2.12 1.84 2.42 2.41 2.12 2.72 2.41 1.95 3.08 2.66 2.39 3.45 3.21 2.71 3.78 3.13 4.24 3.52 3.99 Ordering code (composition see below)
VR = 250 V DC 270 22 x 25 330 22 x 30 330 25 x 25 390 22 x 30 390 25 x 25 470 22 x 35 470 25 x 30 560 22 x 40 560 25 x 35 560 30 x 25 680 22 x 45 680 25 x 40 680 30 x 30 820 25 x 45 820 30 x 35 820 35 x 25 1000 25 x 50 1000 30 x 35 1000 35 x 30 1200 25 x 55 1200 30 x 40 1200 35 x 35 1500 30 x 50 1500 35 x 40 1800 30 x 55 1800 35 x 45 2200 35 x 50
B43305E2277M00* B43305E2337M00* B43305F2337M00* B43305E2397M00* B43305F2397M00* B43305E2477M00* B43305F2477M00* B43305E2567M00* B43305F2567M00* B43305G2567M00* B43305E2687M00* B43305F2687M00* B43305G2687M00* B43305E2827M00* B43305F2827M00* B43305G2827M00* B43305E2108M00* B43305F2108M00* B43305G2108M00* B43305E2128M00* B43305F2128M00* B43305G2128M00* B43305E2158M00* B43305F2158M00* B43305E2188M00* B43305F2188M00* B43305E2228M00*
Composition of ordering code * = Terminal style 0 = snap-in standard terminals (6.3 1) mm 2 = snap-in 3 terminals (4.5 1) mm 7 = snap-in short terminals (4.5 1) mm
2)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 17
B43305 Ultra compact 85 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 1990 1650 1360 1130 900 750 750 620 620 500 500 500 410 410 410 410 350 350 350 290 290 290 240 240 200 200 170 170 140 Zmax 10 kHz 20 C m 2690 2230 1830 1530 1220 1020 1020 830 830 680 680 680 560 560 560 560 470 470 470 390 390 390 330 330 270 270 230 230 190 IAC,max 100 Hz 60 C A 1.28 1.41 1.55 1.70 1.98 2.17 2.18 2.49 2.51 2.92 2.89 2.79 3.31 3.29 3.22 3.04 3.68 3.62 3.67 4.14 4.37 4.03 4.91 4.56 5.55 5.18 6.23 5.85 6.63 IAC,R3) 100 Hz 85 C A 0.65 0.72 0.79 0.87 1.01 1.11 1.11 1.27 1.28 1.49 1.47 1.42 1.69 1.68 1.64 1.55 1.87 1.85 1.87 2.11 2.23 2.05 2.50 2.32 2.83 2.64 3.18 2.98 3.38 Ordering code (composition see below)
VR = 400 V DC 68 22 x 25 82 22 x 25 100 22 x 25 120 22 x 25 150 22 x 30 180 22 x 30 180 25 x 25 220 22 x 35 220 25 x 30 270 22 x 45 270 25 x 35 270 30 x 25 330 22 x 50 330 25 x 40 330 30 x 30 330 35 x 25 390 25 x 45 390 30 x 35 390 35 x 30 470 25 x 50 470 30 x 40 470 35 x 30 560 30 x 45 560 35 x 35 680 30 x 50 680 35 x 40 820 30 x 55 820 35 x 45 1000 35 x 50
B43305A9686M00* B43305A9826M00* B43305A9107M00* B43305A9127M00* B43305A9157M00* B43305A9187M00* B43305B9187M00* B43305A9227M00* B43305B9227M00* B43305A9277M00* B43305B9277M00* B43305C9277M00* B43305A9337M00* B43305B9337M00* B43305C9337M00* B43305D9337M00* B43305A9397M00* B43305B9397M00* B43305C9397M00* B43305A9477M00* B43305B9477M00* B43305C9477M00* B43305A9567M00* B43305B9567M00* B43305A9687M00* B43305B9687M00* B43305A9827M00* B43305B9827M00* B43305A9108M00*
Composition of ordering code * = Terminal style 0 = snap-in standard terminals (6.3 1) mm 2 = snap-in 3 terminals (4.5 1) mm 7 = snap-in short terminals (4.5 1) mm
3)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 17
B43305 Ultra compact 85 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 1990 1650 1360 1130 1130 900 900 750 750 750 620 620 620 500 500 500 500 410 410 410 350 350 350 290 290 240 240 200 170 Zmax 10 kHz 20 C m 2800 2320 1900 1590 1590 1270 1270 1060 1060 1060 870 870 870 710 710 710 710 580 580 580 490 490 490 410 410 340 340 280 240 IAC,max 100 Hz 60 C A 1.37 1.50 1.66 1.90 1.90 2.20 2.21 2.48 2.42 2.49 2.82 2.78 2.87 3.20 3.17 3.18 3.04 3.70 3.64 3.73 4.11 4.36 4.06 4.92 4.62 5.50 5.20 5.89 6.79 IAC,R4) 100 Hz 85 C A 0.70 0.76 0.85 0.97 0.97 1.12 1.13 1.26 1.23 1.27 1.44 1.41 1.46 1.63 1.62 1.62 1.55 1.88 1.86 1.90 2.09 2.22 2.07 2.51 2.35 2.81 2.65 3.00 3.46 Ordering code (composition see below)
VR = 450 V DC 68 22 x 25 82 22 x 25 100 22 x 25 120 22 x 30 120 25 x 25 150 22 x 35 150 25 x 30 180 22 x 40 180 25 x 30 180 30 x 25 220 22 x 45 220 25 x 35 220 30 x 30 270 22 x 50 270 25 x 40 270 30 x 30 270 35 x 25 330 25 x 50 330 30 x 35 330 35 x 30 390 25 x 55 390 30 x 40 390 35 x 30 470 30 x 45 470 35 x 35 560 30 x 50 560 35 x 40 680 35 x 45 820 35 x 55
B43305A5686M00* B43305A5826M00* B43305A5107M00* B43305A5127M00* B43305B5127M00* B43305A5157M00* B43305B5157M00* B43305A5187M00* B43305B5187M00* B43305C5187M00* B43305A5227M00* B43305B5227M00* B43305C5227M00* B43305A5277M00* B43305B5277M00* B43305C5277M00* B43305D5277M00* B43305A5337M00* B43305B5337M00* B43305C5337M00* B43305A5397M00* B43305B5397M00* B43305C5397M00* B43305A5477M00* B43305B5477M00* B43305A5567M00* B43305B5567M00* B43305A5687M00* B43305A5827M00*
Composition of ordering code * = Terminal style 0 = snap-in standard terminals (6.3 1) mm 2 = snap-in 3 terminals (4.5 1) mm 7 = snap-in short terminals (4.5 1) mm
4)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 17
B43305 Ultra compact 85 C
Useful life depending on ambient temperature TA under ripple current operating conditions1)
Frequency factor of permissible ripple current IAC versus frequency f
Frequency characteristics of ESR Typical behavior
1)
Refer to chapter "General technical information, 5.3 Calculation of useful life" for an explanation on how to interpret the useful life graphs.
Please read Cautions and warnings and Important notes at the end of this document.
Page 12 of 17
B43305 Ultra compact 85 C
Impedance Z versus frequency f Typical behavior at 20 C
Please read Cautions and warnings and Important notes at the end of this document.
Page 13 of 17
B43305 Ultra compact 85 C
Cautions and warnings Personal safety The electrolytes used by EPCOS have not only been optimized with a view to the intended application, but also with regard to health and environmental compatibility. They do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (DMF) or dimethyl acetamide (DMAC). Furthermore, part of the high-voltage electrolytes used by EPCOS are self-extinguishing. They contain flame-retarding substances which will quickly extinguish any flame that may have been ignited. As far as possible, EPCOS does not use any dangerous chemicals or compounds to produce operating electrolytes. However, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no safe substitute materials are currently known. However, the amount of dangerous materials used in our products has been limited to an absolute minimum. Nevertheless, the following rules should be observed when handling Al electrolytic capacitors: Any escaping electrolyte should not come into contact with eyes or skin. If electrolyte does come into contact with the skin, wash the affected parts immediately with running water. If the eyes are affected, rinse them for 10 minutes with plenty of water. If symptoms persist, seek medical treatment. Avoid breathing in electrolyte vapor or mists. Workplaces and other affected areas should be well ventilated. Clothing that has been contaminated by electrolyte must be changed and rinsed in water.
Please read Cautions and warnings and Important notes at the end of this document.
Page 14 of 17
B43305 Ultra compact 85 C
Product safety The table below summarize the safety instructions that must be observed without fail. A detailed description can be found in the relevant sections of chapter "General technical information". Topic Safety information Reference Chapter "General technical information" 1 "Basic construction of aluminum electrolytic capacitors" 3.1.6 "Reverse voltage" 7.2 "Maximum permissible operating temperature" 10 "Maintenance"
Polarity
Make sure that polar capacitors are connected with the right polarity.
Reverse voltage Upper category temperature Maintenance
Voltages polarity classes should be prevented by connecting a diode. Do not exceed the upper category temperatur.
Mounting position of screw terminal capacitors Mounting of single-ended capacitors
Make periodic inspections of the capacitors. Before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. Do not apply any mechanical stress to the capacitor terminals. Do not mount the capacitor with the terminals (safety vent) upside down.
Robustness of terminals
Soldering
11.1. "Mounting positions of capacitors with screw terminals" The internal structure of single-ended capacitors 11.4 might be damaged if excessive force is applied to "Mounting the lead wires. considerations for Avoid any compressive, tensile or flexural stress. single-ended capacitors" Do not move the capacitor after soldering to PC board. Do not pick up the PC board by the soldered capacitor. Do not insert the capacitor on the PC board with a hole space different to the lead space specified. The following maximum tightening torques must 11.3 not be exceeded when connecting screw "Mounting torques" terminals: M5: 2 Nm M6: 2.5 Nm Do not exceed the specified time or temperature 11.5 limits during soldering. "Soldering"
Page 15 of 17
Please read Cautions and warnings and Important notes at the end of this document.
B43305 Ultra compact 85 C
Topic
Safety information
Soldering, cleaning agents Passive flammability Active flammability
Reference Chapter "General technical information" Do not allow halogenated hydrocarbons to come 11.6 into contact with aluminum electrolytic capacitors. "Cleaning agents" Avoid external energy, such as fire or electricity. 8.1 "Passive flammability" Avoid overload of the capacitors. 8.2 "Active flammability" Reference Chapter "Capacitors with screw terminals" "Screw terminals accessories"
Breakdown strength Do not damage the insulating sleeve, especially of insulating when ring clips are used for mounting. sleeves
Please read Cautions and warnings and Important notes at the end of this document.
Page 16 of 17
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, EPCOS-JONES, BAOKE, Alu-X, CeraDiode, CSSP, MLSC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 17 of 17


▲Up To Search▲   

 
Price & Availability of B43305A2337M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X